Part Number Hot Search : 
L4TVS60A SC443103 7MBR1 SR250 ED050 1100H TLE7241E MAX515
Product Description
Full Text Search
 

To Download G5754A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver: 0.2 jul 26, 2010 tel: 886-3-5788833 http://www.gmt.com.tw 1 g5754/G5754A global mixed-mode technology inc. 2a step-down dc/dc features ? 2a output current ? 0.18 internal power mosfet switch ? stable with low esr output ceramic capaci- tors ? up to 95% efficiency ? 30a shutdown mode ? fixed 380khz frequency ? thermal shutdown ? cycle-by-cycle over current protection ? wide 4.75v to 24v operating input range ? output adjustable from 1.22v to 21.6v(g5754) ? output adjustable from 0.92v to 21.6v(G5754A) ? available in sop-8 package applications ? pc monitors ? dsl modems ? distributed power systems ? pre-regulator for linear regulators general description the g5754/G5754A is a monolithic step-down switch mode regulator with a built in internal power mosfet. it achieves 2a continuous output current over a wide input supply range with excellent load and line regulation. current mode operation provides fast transient re- sponse and eases loop stabilization. fault condition protection includes cycle-by-cycle cur- rent limiting, output short circuit protection and thermal shutdown. in shutdown mode the regulator draws 30a of supply current. programmable soft-start over- writes the internal soft-start for various requirement of output power up ramp and minimizes the inrush supply current at initial startup. the g5754/G5754A r equires a minimum number of readily available standard external components. it is available in a sop-8 package. ordering information order number marking temp. range package (green) g5754p11u g5754 -40 c to +85 c sop-8 G5754Ap11u G5754A -40 c to +85 c sop-8 note: p1: sop-8 1: bonding code u : tape & reel pin configuration typical application circuit sop-8 g5754/G5754A in 8 6 5 1 2 3 4 ss / nc bs lx en comp fb gnd 7 output 2.5v/2a r1 10.5k 1% l1 15h d1 4 6 c5 10nf 5 7 bs in en ss / nc lx fb comp gnd g5754 c1 10f 25v c2 22f/6.3v ceramic r2 10k 1% on c3 4.7nf r3 7.5k c6 open input 12v off 2 3 8 1 c4 10nf / open not used output 2.5v/2a r1 17.2k 1% l1 15h d1 4 6 c5 10nf 5 7 bs in en ss / nc lx fb comp gnd G5754A c1 10f 25v c2 22f/6.3v ceramic r2 10k 1% on c3 4.7nf r3 7.5k c6 open input 12v off 2 3 8 1 c4 10nf / open not used sop-8 g5754/G5754A in 8 6 5 1 2 3 4 ss / nc bs lx en comp fb gnd 7 output 2.5v/2a r1 10.5k 1% l1 15h d1 4 6 c5 10nf 5 7 bs in en ss / nc lx fb comp gnd g5754 c1 10f 25v c2 22f/6.3v ceramic r2 10k 1% on c3 4.7nf r3 7.5k c6 open input 12v off 2 3 8 1 c4 10nf / open not used output 2.5v/2a r1 17.2k 1% l1 15h d1 4 6 c5 10nf 5 7 bs in en ss / nc lx fb comp gnd G5754A c1 10f 25v c2 22f/6.3v ceramic r2 10k 1% on c3 4.7nf r3 7.5k c6 open input 12v off 2 3 8 1 c4 10nf / open not used


▲Up To Search▲   

 
Price & Availability of G5754A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X